Part Number Hot Search : 
03203 MH46TAD 2N111 S93C46 MBS034M FRL234R SP233 TA78L08S
Product Description
Full Text Search
 

To Download SS110-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ss12 thru ss110 1 amp schottky rectifier 20 to 100 volts features ? low forward voltage ? guard ring protection ? high current capability maximum ratings ? operating temperature: -55 c to +125 c ? storage temperature: -55 c to +150 c ? maximum thermal resistance; 28 c/w junction to lead mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage ss12 ss12 20v 14v 20v ss13 ss13 30v 21v 30v ss14 ss14 40v 28v 40v ss15 ss15 50v 35v 50v ss16 ss16 60v 42v 60v ss18 ss18 80v 56v 80v ss110 ss110 100v 70v 100v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t j = 100 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage ss12 ss13 ss14 ss15-16 ss18-110 v f .45v .55v .60v .70v .85v i fm = 1.0a; t j = 25 c* typical junction capacitance ss12 - ss16 ss18-ss110 c j 110pf 30pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 300 sec, duty cycle 2% maximum dc reverse current at rated dc blocking voltage i r 0.5ma 20ma t a = 25 c t a = 100 c h j e f g a b d c cathode band 0.070? 0.090? 0.085? suggested solder pad layout dimensions inches mm dim min max min max note a .078 .116 1.98 2.95 b .067 .089 1.70 2.25 c .002 .008 .05 .20 d --- .02 --- .51 e .035 .055 .89 1.40 f .065 .096 1.65 2.45 g .205 .224 5.21 5.69 h .160 .180 4.06 4.57 j .100 .112 2.57 2.84 do-214ac (sma) (high profile)  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components x case material: molded plastic. ul flammability classification rating 94v-0 and msl rating 1 www. mccsemi .com 1 of 3 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemptions applied, see eu directive annex 7. revision: 5 2008/02/01
ss12 thru ss110 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .4 .6 .8 1.0 1.2 1.4 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c volts ss13,ss14 ss15-ss16 ss18-ss110 average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 175 50 75 100 125 0 .2 .4 .6 single phase, half wave 60hz resistive or inductive load amps c 150 .8 1.0 1.2 1 100 4 0 10 20 30 8 figure 3 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 40 50 60 ss12 revision: 5 2008/02/01 mcc tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: 5 2008/02/01 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-tp tape&reel;3kpcs/reel


▲Up To Search▲   

 
Price & Availability of SS110-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X